Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download AVEZ105M50B12T-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type AVEZ -55 C to +105 C Low Impedance SMT Aluminum Electrolytic Capacitors
For Filtering, Bypassing and Power Supply Decoupling
Type AVEZ Capacitors are rated for 1000 hours at 105 C with low impedance characteristics. They are ideal for high density PC board packaging. The Type AVEZ offers a low in-place-cost for a high quality performer. The vertical cylindrical cases facilitate automatic mounting and reflow soldering into the same footprint of like-rated tantalum capacitors except without the need for voltage derating. Type AVEZ is RoHS compliant. Highlights * +105 C, Up to 1000 Hours Load Life * Capacitance Range: 1.0 F to 220 F * Voltage Range: 6.3 Vdc to 50 Vdc -55 C to +105 C 6.3, 10, 16, 25, 35, 50 Vdc 1.0 F to 220 F 20% @ 120 Hz and +20 C I = 0.01 CV or 3 (A) whichever is greater after 2 minutes C = rated capacitance in F, V = rated DC working voltage Freq. (Hz) 6.3 ~ 50 50, 60 0.64 120 0.80 1k 0.93 10 k up 1.00
Specifications
Operating Temperature: Rated Voltage: Capacitance: Capacitance Tolerance: Leakage Current:
Ripple Current Multiplier: Vdc
Dissipation Factor: (Tan at 120 Hz, 20 C) Low Temperature Characteristic (at 120 Hz):
Rated Voltage Tan Max
6.3 0.28
10 0.24
16 0.20 6.3 4 8 10 3 5
25 0.16 16 2 4
35 0.14 25 2 3 35 2 3
50 0.12 50 2 3
Rated Voltage Impedance Ratio Z(-25 C) / Z(+20 C) Z(-40 C) / Z(+20 C)
Load Life Test:
Test Time Capacitance Change Dissipation Factor Leakage Current
1,000 Hours Within 25% of initial value Less than 200% of specified value Within specified value
* The above specifications shall be satisfied when the capacitors are restored to 20 C after the rated voltage is applied for 1,000 hrs at 105 C
Shelf LifeTest: Test time: 1000 hours; test limits are the same as those for life test.
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVEZ -55 C to +105 C Low Impedance SMT Aluminum Electrolytic Capacitors
Outline Drawing, Case Code & Dimensions Table
OD .05 B 0.2
Case O D
.04 0.2
A 0.2 L
L (mm)
A
B 4.3 5.3 6.6 6.6
C 2.0 2.3 2.7 2.7
W (mm) 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8
P 0.2 (mm) 1.0 1.5 2.0 2.0
Code (mm) B C D X
(mm) (mm) (mm)
4.0 5.3 0.2 4.3 5.0 5.3 0.2 5.3 6.3 5.3 0.2 6.6 6.3 7.7 0.3 6.6
W
.03 Max
C 0.2
P
C 0.2
Part Numbering System
AVEZ Type AVEZ 106 Capacitance 105 = 1.0 F 106 = 10.0 F 107 = 100.0 F M Capacitance Tolerance M = 20% 06 = 6.3 Vdc 25 = 25 Vdc 10 = 10 Vdc 35 = 35 Vdc 16 = 16 Vdc 50 = 50 Vdc 25 Voltage Code C Case Code See Table 12 = Carrier Tape Width (mm) T = Tape & Reel 12T Packaging Code -F RoHS Compliant
Ratings Table
Max Catalog Cap (F) 22 33 47 100 150 220 10 22 33 47 100 150 220 AVEZ226M06B12T-F AVEZ336M06C12T-F AVEZ476M06C12T-F AVEZ107M06D16T-F AVEZ157M06X16T-F Part Number DCL (A) 3.0 3.0 3.0 6.3 9.5 0.28 0.28 0.28 0.28 0.28 0.28 0.24 0.24 0.24 0.24 0.24 0.24 0.24 Max DF Max Impedance (ohms) 6.3 Vdc ( 8 Vdc Surge) 3.20 1.50 1.50 0.85 0.50 0.50 3.20 1.50 1.50 0.85 0.85 0.50 0.50 65 110 110 170 255 255 65 110 110 170 170 255 255 B C C D X X B C C D D X X 4 x 5.3 5 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 7.7 6.3 x 7.7 4 x 5.3 5 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 7.7 6.3 x 7.7 2000 1000 1000 1000 1000 1000 2000 1000 1000 1000 1000 1000 1000 Max Ripple Current Case (mA) Size DxL (mm) Quantity per Reel (each)
2 min. 120 Hz 20 C
100 kHz 20 C 100 kHz 105 C Code
AVEZ227M06X16T-F 13.9 AVEZ106M10B12T-F AVEZ226M10C12T-F AVEZ336M10C12T-F AVEZ476M10D16T-F AVEZ107M10D16T-F AVEZ157M10X16T-F 3.0 3.0 3.0 3.0 6.3 9.5
10 Vdc ( 13 Vdc Surge)
AVEZ227M10X16T-F 13.9
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com
Type AVEZ -55 C to +105 C Low Impedance SMT Aluminum Electrolytic Capacitors
Ratings Table
Max Catalog Cap (F) 10 22 33 47 100 150 220 4.7 10 22 33 47 100 4.7 10 22 33 47 1.0 2.2 3.3 4.7 10 22 33 AVEZ106M16B12T-F AVEZ226M16C12T-F AVEZ336M16D16T-F AVEZ476M16D16T-F AVEZ107M16D16T-F AVEZ157M16X16T-F Part Number DCL (A) 3.0 3.0 3.0 3.0 6.3 9.5 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.16 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 Max DF Max Impedance (ohms) 16 Vdc ( 13 Vdc Surge) 3.20 1.50 0.85 0.85 0.85 0.50 0.50 3.20 1.50 0.85 0.85 0.85 0.5 3.20 1.50 0.85 0.85 0.50 5.0 5.0 5.0 3.0 2.0 3.0 1.0 65 110 170 170 170 255 255 65 110 170 170 170 255 65 110 170 170 255 30 30 30 50 70 70 170 B C D D D X X B C D D D X B C D D X B B B C D D X 4 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 7.7 6.3 x 7.7 4 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 7.7 4 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 7.7 4 x 5.3 4 x 5.3 4 x 5.3 5 x 5.3 6.3 x 5.3 6.3 x 5.3 6.3 x 7.7 2000 1000 1000 1000 1000 1000 1000 2000 1000 1000 1000 1000 1000 2000 1000 1000 1000 1000 2000 2000 2000 1000 1000 1000 1000 Max Ripple Current Case (mA) Size DxL (mm) Quantity per Reel (each)
2 min. 120 Hz 20 C
100 kHz 20 C 100 kHz 105 C Code
AVEZ227M16X16T-F 13.9 AVEZ475M25B12T-F AVEZ106M25C12T-F AVEZ226M25D16T-F AVEZ336M25D16T-F AVEZ476M25D16T-F AVEZ107M25X16T-F AVEZ475M35B12T-F AVEZ106M35C12T-F AVEZ226M35D16T-F AVEZ336M35D16T-F AVEZ476M35X16T-F AVEZ105M50B12T-F AVEZ225M50B12T-F AVEZ335M50B12T-F AVEZ475M50C12T-F AVEZ106M50D16T-F AVEZ226M50D16T-F AVEZ336M50X16T-F 3.0 3.0 3.0 3.0 3.0 6.3 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0
25 Vdc ( 31 Vdc Surge)
35 Vdc ( 44 Vdc Surge)
50 Vdc ( 63 Vdc Surge)
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8564 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of AVEZ105M50B12T-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X